Part Number Hot Search : 
120M0 1K91FK 2545ET 821KD14 TLP523 PCF85 0504A1 A1305
Product Description
Full Text Search
 

To Download AQ3A2-J-ZT432VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aq1 ordering information high capacity up to 10a pcb terminal type ssr a q1 relays please contact us about t?v certified products. certified aq2a2-zp3/28vdc, aq2a2-j-zp3/28vdc, aq5a2-zp3/28vdc, aq1ad2-3/28vdc and aq2ad1-3/28vdc certified aq3a2-zt4/32vdc, aq3a2-j-zt4/32vdc and aq10a2-zt4/32vdc certified aq2a2-zp3/28vdc, aq2a2-j-zp3/28vdc, aq5a2-zp3/28vdc, aq1ad2-3/28vdc and aq2ad1-3/28vdc certified aq2a2-zp3/28vdc, aq2a2-j-zp3/28vdc, aq5a2-zp3/28vdc, aq1ad2-3/28vdc and aq2ad1-3/28vdc vde features 1. 10a high-capacity realized for pc board terminal (when using heat sink) ssr for compact pc boards with 10 a capacity that is two times greater than our previous model. it is suitable for long- life, highly frequent control. 2. vde (en60950-1) reinforced insulation compliant fully satis?s demand for safety by guaranteeing compliance with en60950-1 safety standard and featuring 3,000 v reinforced insulation (aq3a2- zt4/32vdc, aq3a2-j-zt4/32vdc and aq10a2-zt4/32vdc). 3. superior anti-vibration and anti- shock characteristics the body is molded as a single unit with ?me resistant resin which makes it highly resistant against vibration and shock, and gives it superior protection from environment. the body can also be washed. 4. vertical types with sil terminal arrangement and ?t types are av ailable. 1) the vertical type is available in thicknesses of 10 mm (2 a and 3 a types) and 12 mm (5 a and 10 a types). te r minal arrangement is sil in integral multiples of 2.54 mm (0.1 inch). 2) the height of the ?t type is 12 mm. the terminal arrangement is dil in integral multiples of 2.54 mm. 5. reduced noise generation the load will operate at close to zero voltage even when the input signal is applied during a cycle. also, even if an input signal is cancelled during a cycle, the load is cut off at close to zero current. for this reason, hardly any noise is produced and radio frequency interference (rfi) and electromagnetic interference (emi) are kept to a minimum. 6. built-in snubber circuit prevents malfunction. typical applications ?printing machines ?packing machines ?traf? signal control ?automatic ticket punchers ?terminal equipment of data processing ?computer peripherals ?nc machines compliance with rohs directive load current 1 a, 2 a, 3 a, 5 a, 10 a aq shape nil: j: vertical type flat type input voltage 3/28 v dc: 3 to 28 v dc 4/32 v dc: 4 to 32 v dc load voltage 2: d1: d2: 75 to 250 v ac 3 to 60 v dc 10 to 200 v dc nil: zp: zt: dc output zero-cross ac output (photocoupler) zero-cross ac output (phototriac coupler) * random types are available upon request. all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
aq1 types 1. aq1 solid state relays standard packing: carton 20 pcs., case 200 pcs. notes: *1 random type also available. please inquire. *2 5 a without heat sink *3 3 a without heat sink 2. heat sink for aq1 solid state relay standard packing: carton 20 pcs., case 200 pcs. specifications 1. rating (at 20 c 68 f , ripple factor: less than 1%) notes: *1 when heat sink (aq-hs-5a) is installed. the max. load current is 5 a when heat sink is not installed. *2 when heat sink (aq-hs-5a) is installed. the max. load current is 3 a when heat sink is not installed. *3 when load current is below the rating, refer to ?autions for use? 2. characteristics (at 20 c 68 f , ripple factor: less than 1%) load isolation zero-cross function type load voltage load voltage input voltage part no. ac phototriac coupler zero-cross* 1 ver tical 3 a 75 to 250 v ac 4 to 32 v dc aq3a2-zt4/32vdc flat 3 a 75 to 250 v ac 4 to 32 v dc aq3a2-j-zt4/32vdc ver tical 10 a* 2 75 to 250 v ac 4 to 32 v dc aq10a2-zt4/32vdc ac optically coupled isolation zero-cross ver tical 2 a 75 to 250 v ac 3 to 28 v dc aq2a2-zp3/28vdc flat 2 a 75 to 250 v ac 3 to 28 v dc aq2a2-j-zp3/28vdc ver tical 5 a* 3 75 to 250 v ac 3 to 28 v dc aq5a2-zp3/28vdc dc ver tical 1 a 10 to 200 v dc 3 to 28 v dc aq1ad2-3/28vdc ver tical 2 a 3 to 60 v dc 3 to 28 v dc aq2ad1-3/28vdc product name part no. heat sink for aq5a2-zp3/28vdc and aq10a2-zt4/32vdc aq-hs-5a type item ac output type dc output type remarks zero-cross 3 a type 10 a type 2 a type 5 a type 1 a type 2 a type input side input voltage 4 to 32 v dc 3 to 28 v dc 3 to 28 v dc input impedance approx. 1.6 k ? approx. 1.6 k ? input current, max. 20 ma drop-out voltage, min. 1.0 v 0.8 v 0.8 v load side max. load current 3 a 10 a* 1 2 a 5 a* 2 1 a 2 a refer to reference data ?. load current vs. ambient temperature characteristics? load voltage 75 to 250 v ac 10 to 200 v dc 3 to 60 v dc non-repetitive surge current 100 a 80 a 100 a 5 a (1 s) ac : in one cycle at 60 hz, dc: 1s max. ?ff-state leakage current 5 ma 1 ma ac : at 200 v, 60hz dc: when maximum load voltage is applied. max. ?n-state voltage drop 1.6 v 1.6 v 2.3 v at max. carrying current min. load current 50 ma* 3 5 ma* 3 type item ac output dc output remarks zero-cross 3 a type 10 a type 2 a type 5 a type operate time, max. 1/2 cycle of voltage sine wave + 1 ms 0.5 ms release time, max. 1/2 cycle of voltage sine wave + 1 ms 2 ms insulation resistance, min. 100 m ? for input, output and case 100 m ? for input, output at 500 v dc breakdown voltage 4,000 vrms between input and output 2,500 vrms between input, output and case 3,000 vrms between input and output 3,000 vrms between input and output 1,500 vrms between input, output and case 3,000 vrms between input-output for 1 minute vibration resistance destructive 10 to 55 hz at double amplitude of 2 mm 10 to 55 hz at double amplitude of 2 mm 1 hour for x, y, z axis functional 10 to 55 hz at double amplitude of 2 mm 10 to 55 hz at double amplitude of 2 mm 10 minutes for x, y, z axis shock resistance destructive min. 980 m/s 2 {100 g} min. 980 m/s 2 {100 g} 5 times each for x, y, z axis functional min. 980 m/s 2 {100 g} min. 980 m/s 2 {100 g} 4 times each for x, y, z axis ambient temperature ?0 c to +80 c ?2 f to +176 f storage temperature ?0 c to +100 c ?2 f to +212 f operational method zero-cross (turn-on and turn-off) all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
aq1 reference data 1.-(1) load current vs. ambient temperature (ac output, 3 a type) part no.: aq3a2-zt4/32vdc and aq3a2-j-zt4/32vdc allowable ambient temperature: ?0 c to +80 c ?2 f to +176 f 1.-(2) load current vs. ambient temperature (ac output, 10 a type) part no.: aq10a2-zt4/32vdc (a) when not using a heat sink (b) when using a standard heat sink aq-hs-5a (when attached to a heat sink, use a heat conductive compound (ex. toshiba silicone yg6111 or tsk5303) of similar coating to improve cooling.) 1.-(3) load current vs. ambient temperature (ac output, 2 a type) part no.: aq2a2-zp3/28vdc and aq2a2-j-zp3/28vdc allowable ambient temperature: ?0 c to +80 c ?2 f to +176 f 1 2 3 4 5 0 0-30 20 40 60 80 100 ambient temperature, c load current, a 020406 080 100 2 4 6 8 10 0 -30 (a) (b) ambient temperature, c load current, a 0.5 1.0 1.5 2.0 2.5 0 0-30 20 40 60 80 ambient temperature, c load current, a 1.-(4) load current vs. ambient temperature (ac output, 5 a type) part no.: aq5a2-zp3/28vdc (a) when not using a heat sink (b) when using a standard heat sink aq-hs-5a (when attached to a heat sink, use a heat conductive compound (ex. toshiba silicone yg6111 or tsk5303) of similar coating to improve cooling.) 1.-(5) load current vs. ambient temperature (dc output, 1 a and 2 a types) part no.: aq1ad2-3/ 28vdc and aq2ad1-3/28vdc allowable ambient temperature: ?0 c to +80 c ?2 f to +176 f 2.-(1) non-repetitive surge current vs. carrying time (ac output, 3 a and 10 a types) pa rt no.: aq3a2-zt4/32vdc, aq3a2-j-zt4/32vdc and aq10a2-zt4/32vdc 1 2 3 4 5 0 0-30 20 40 60 80 (a) (b) ambient temperature, c load current, a 0.5 1.0 1.5 2.0 2.5 0 0-30 20 40 60 80 2a type 1a type ambient temperature, c load current, a 0 50 25 100 75 125 110 100 no. of cycles at 60 hz non-repetitive surge current, a 2.-(2) non-repetitive surge current vs. carrying time (ac output, 2 a type) part no.: aq2a2-zp3/28vdc and aq2a2-j-zp3/28vdc 2.-(3) non-repetitive surge current vs. carrying time (ac output, 5 a type) part no.: aq5a2-zp3/28vdc 2.-(4) non-repetitive surge current vs. carrying time (dc output) part no.: aq1ad2-3/28vdc and aq2ad1-3/28vdc 0 50 100 11050 100 no. of cycles at 60 hz non-repetitive surge current, a 0 50 100 11050 100 no. of cycles at 60 hz non-repetitive surge current, a 0 2 4 6 8 10 12 14 16 18 20 22 150 500 1,000100 carrying time, ms non-repetitive surge current, a all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
aq1 dimensions (mm inch ) 3.-(1) input current vs. input voltage characteristics (ac output, 3 a and 10 a types) pa rt no.: aq3a2-zt4/32vdc, aq3a2-j-zt4/32vdc and aq10a2-zt4/32vdc 3.-(2) input current vs. input voltage characteristics (ac output, 2 a and 5 a types) pa rt no.: aq2a2-zp3/28vdc, aq2a2-j-zp3/28vdc and aq5a2-zp3/28vdc (dc output) pa rt no.: aq1ad2-3/28vdc and aq2ad1-3/28vdc 4.-(1) load current vs. ambient temperature characteristics for adjacent mounting (ac output, 3a vertical type) pa rt no.: aq3a2-zt4/32vdc 5 10 15 20 25 0 10 05 15 20 25 30 35 input voltage, v input current, ma 2 4 6 8 10 12 14 16 18 20 22 24 26 28 048121620242830 input voltage, v input current, ma 5 4 3 2 1 0 200 -20-30 40 60 10080 =15.24mm .600inch = adjacent mounting pitch ambient temperature, c load current, a 4.-(2) load current vs. ambient temperature characteristics for adjacent mounting (ac output, 10a type) pa rt no.: aq10a2-zt4/32vdc (without heat sink) 6 5 4 3 2 1 0 200 -20-30 40 60 80 100 = adjacent mounting pitch =20.32mm .800inch load current, a ambient temperature, c the cad data of the products with a cad data mark can be downloaded from: http://panasonic-electric-works.net/ac 1. ac output, 2a and 3a types (vertical) general tolerance: 0.5 .020 12.7 (25.4) 7.62 5.08 6 4-0.8 dia. 25 1 10 5.3 33 input output 1 2 3 4 .500 .236 4-.031 dia. .984 .039 .394 .209 1.299 (1.000) .300 .200 mounting hole location (copper-side view) schematic tolerance: 0.1 .004 4-1.2 dia. 2.54 3 2.54 5 2.54 2 25.4 4 3 2 1 copper foil 4-.047 dia. .100 5 .100 2 1.000 .100 3 load input ssr 2 134 load power source + load input power source cad data all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
aq1 2. ac output, 2a and 3a types (flat) general tolerance: 0.5 .020 25.4 6 11 1 12.7 10.16 25 33 4-0.8 dia. 1 2 3 4 + input output 1.000 .236 .433 .039 .500 .400 .984 1.299 4-.031 dia. mounting hole location (copper-side view) schematic tolerance: 0.1 .004 4-1.2 dia. 10.16 12.7 25.4 3 4 2 1 copper foil .400 .500 1.000 4-.047 dia. load input ssr 2 1 3 4 load power source + input power source load cad data 3. ac output, 5a and 10a types general tolerance: 0.5 .020 12.77.62 7.62 2 .079 2 .079 0.8 25 5.08 8.8910.16 15 min. 4 1 0.6 2 6.9 12 max. 54 39 33 inputload 12 34 + .300 .984 .350 .400 .591 .157 .039 .024 .079 .272 .472 2.126 1.535 1.299 .500.300 .031 .200 mounting hole location (copper-side view) schematic tolerance: 0.1 .004 4-1.2 dia. 2-3.5 dia.* 9.1 2.54 3 2.54 5 2.54 2 25.4 20 4 3 2 1 copper foil 20 * there 2 holes are not necessary when not using heat sink (aq-hs-5a) 4-.047 dia. 2-.138 dia. .100 5 .100 2 1.000 .787 .787 .358 .100 3 load input ssr 2 134 load power source + load input power source cad data 4. heat sink (for aq10a2-zt4/32vdc and aq5a2-zp3/28vdc) general tolerance: 0.5 .020 27 2 58 2 13.8 5.2 8888888 47.6 40 9 2-m3 screw 2-m3 screw depth: min. 10mm knurl surface 30 2 2.5 1.063 .079 2.283 .079 .543 .205 1.874 1.575 .354 1.181 .079 .098 .315.315.315.315.315.315.315 heat sink attached to aq1 relay note: when using heat sink, please refer to ?hermal design cad data all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
aq1 note recommended temperature controllers for cautions f or us e . 5. dc output, 1a and 2a types general tolerance: 0.5 .020 12.7 (25.4) 7.62 5.08 6 4-0.8 dia. 25 1 10 5.3 33 input output 1 2 3 4 .500 .236 4-.031 dia. .984 .039 .394 .209 1.299 (1.000) .300 .200 mounting hole location (copper-side view) schematic tolerance: 0.1 .004 4-1.2 dia. 2.54 3 2.54 5 2.54 2 25.4 4 3 2 1 copper foil 4-.047 dia. .100 5 .100 2 1.000 .100 3 load input ssr 2 134 load power source + + load input power source cad data 1. when using bent output terminals to avoid applying mechanical stress on the main unit and molded section of the solid state relay, radio pliers should be used to grasp the terminals between the point of bending and the molded case when making the bends. 2. when a heat sink is mounted on the 5 a or 10 a type the heat sink (aq-hs-5a) or a radiator which can make good contact should be used. if a heat sink is used in which the contact condition is bad, a heat conducting compound should be used to improve the heat radiation. (ex. silicon compound t oshiba silicon yg6111 or tsk5303) the compound should be applied between the heat sink and the aq1. solid state relay terminal bend section printed circuit board solder aq-hs-5a heat sink (provided with aq-hs-5a) printed circuit board approx. 0.6n? of torque should be used for tightening the m3 screws. 5 a or 10 a type aq1 ssr 4-m3 screws 48mm 56mm 1.890inch 2.205inch 48mm 1.890inch our temperature controller is recommended for use with our solid state relays. features ?data can be collected using the rs485 communications interface via a plc. ?improved visibility using a negative type lcd and backlight. ?depth-wise length (chassis dimension) is 56 mm 2.205 inch . substitute part numbers *for detailed product information about temperature controllers, please refer to our website: http://panasonic-denko.co.jp/ac/e/fasys/component/temperature_controller/ pow er supply control output part no. 100 to 240 v ac relay contact akt4h111100 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.


▲Up To Search▲   

 
Price & Availability of AQ3A2-J-ZT432VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X